PART |
Description |
Maker |
CY8C3445AXA-104 CY8C3445AXA-108 |
CY8C34 Automotive Family Datasheet: Programmable System-on-Chip (PSoC-/sup>)
|
Cypress
|
LA-MACHXO LAMXO1200LUTSC-3FTN324E LAMXO1200E LAMXO |
LA-MachXO Automotive Family Data Sheet
|
Lattice Semiconductor
|
LAMXO640C LAMXO640E LAMXO640LUTSC-3FTN256E LAMXO64 |
LA-MachXO Automotive Family Data Sheet
|
Lattice Semiconductor
|
APA300-PQ896A APA075-PQ896A APA600-PQ896A APA075-T |
Automotive-Grade ProASIC Flash Family FPGAs
|
Actel Corporation
|
TE28F160B3T90 28F008B3 28F016B3 28F032B3 28F320B3 |
(TE28F Series) SMART 3 ADVANCED BOOT BLOCK 4-8-16-32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 3V PROM, 110 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 RES 10K-OHM 2% 0.25W 100PPM MET-FILM AXIAL TR-13 R-MIL-PRF-39017 智能高级启动34 - - 6 - 2 - Mbit闪存家庭 TVS UNI-DIR 70V 400W SMA 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 16 FLASH 2.7V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 32 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK, 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE, 8-MBIT (1024K x 8), 16-MBIT (2056K x 8) FLASH MEMORY FAMILY
|
TE Connectivity, Ltd. Intel, Corp. Intel Corp. Intel Corporation
|
IRFR3710Z IRFU3710Z |
100V Single N-Channel Automotive HEXFET Power MOSFET in a I-Pak package AUTOMOTIVE MOSFET Specifically designed for Automotive applications, this HEXFET Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resi
|
IRF[International Rectifier]
|
BR93A76RFJ-WME2 BR93A46FJ-WME2 BR93A76RFVM-WM BR93 |
Automotive Microwire BUS 8Kbit(512x16bit) EEPROM Automotive Microwire BUS 1Kbit(64x16bit) EEPROM Automotive Microwire BUS 2Kbit(128x16bit) EEPROM Automotive Microwire BUS 4Kbit(256x16bit) EEPROM
|
ROHM
|
EPF6016TC1 EPF6016TC144-3 EPF6016ATC144-2 EPF6016A |
Programmable Logic Device Family Flex 6000 Device Family (5.0V)
|
ALTERA
|
MDL50600 MD25100 MD251000 MD35800 MD351000 MDL2505 |
600 V, 50 A, rectifier automotive diode 100 V, 25 A, rectifier automotive diode 1000 V, 25 A, rectifier automotive diode 800 V, 35 A, rectifier automotive diode 1000 V, 35 A, rectifier automotive diode 50 V, 25 A, rectifier automotive diode
|
TRANSYS Electronics Limited
|
XA3S1200E XA3S500E XA3S250E XA3S1600E DS635 XA3S10 |
XA Spartan-3E Automotive FPGA Family Data Sheet FPGA, 1164 CLBS, 500000 GATES, 572 MHz, PQFP100 FPGA, 2168 CLBS, 1200000 GATES, 572 MHz, PBGA256 Proven advanced 90-nanometer process technology
|
Xilinx, Inc XILINX INC
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
|